Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 11Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 12Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 13Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 14Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 15Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 16Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 17Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 18Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
Protection (continued)
7.5.4 Charge Overcurrent Detector
If the voltage across both protection MOSFETs (VM – VSS) becomes more negative than the charge overcurrent
detection voltage (VDET4 = –0.112 V typ) for a period up to the charge overcurrent detection delay time
(tDET4 = 12 ms typ) due to an abnormal charging current or abnormal charging voltage, the bq28550-R1 device
detects the overcurrent charge state of the battery and the COUT pin transitions to a low level. This prohibits
charging the battery by turning off the external charge control N-channel MOSFET. The bq28550-R1 device
releases from the charge overcurrent detection state on by detecting the connection of a load for a period up to
the overcharge release delay time (tREL4 = 4 ms typ).
Table 1. Hardware Control Due to Fault Detection
Fault Condition
DOUT
COUT
Delay
Comment
(typ)
Once OVP occurs for longer than the specified duration (1 s typ), the CHG FET is turned
OFF and bus communication is NOT valid. The system will support power to the load with
Overcharge Voltage
ON
OFF
1 s
current flow through the CHG FET parasitic diode. This can cause the cell to discharge;
Protection
once the cell voltage reaches the overcharge release voltage for the specified duration (8
ms typ), the CHG FET is turned ON and bus communication is valid.
If the cell is being charged with excessive current, the threshold will be based on a
hardware limit measurement of –112 mV typ across the CHG + DSG FET (VM – Vss) for
a duration longer than 12 ms (typ), the CHG FET is turned OFF and bus communication
is not valid. This will prevent further charging of the cell. The setting of the CHG bit in the
Overcurrent
control Status Register is dependent on the OC bit setting in the Charge Fault Register
Protection During
ON
OFF
12 ms
selection. The FET bit in the Control between the charger is removed and cell voltage
Charging
falls below the threshold for greater than 8 ms (typ). COUT is turned back ON. Once the
host MCU takes corrective action OR if the battery charger is removed AND there is a
load detected for a period of 4 ms (typ), the CHG FET is turned ON and bus
communication is valid.
If the cell voltage falls to lower than 2.3 V for a duration of 24 ms (typ), the DSG FET is
Over Discharging
turned OFF, and bus communication is not valid. The system requires if the charger is
OFF
ON
24 ms
Voltage Protection
connected and cell voltage rises above threshold for greater than 4 ms (typ), DOUT is
turned back ON and bus communication is valid.
If the cell is being discharged with excessive current, the threshold will be based on a
hardware limit measurement of 150 mV typ across the DSG + CHG FET (VM – Vss) for a
Overcurrent
duration longer than 12 ms (typ) the DSG FET is turned OFF and bus communication is
Protection During
OFF
ON
12 ms
NOT valid. This will prevent further discharging of the cell, and the DSG bit in the control
Discharging
Status Register will be set. If the drop across the DSG + CHG FET is less than the
threshold OR there is no load detected for a duration of 4 ms (typ), the DSG FET is
turned ON and bus communication is valid.
Detection of cell short circuit is measured at VM input. Shorted cell detection is VBAT –
0.9 V for greater than 400 µs at the VM terminal, and the DSG FET is turned OFF, and
Short-Circuit
OFF
ON
400 µs
bus communication is NOT valid. The DSG bit in the control Status Register will be set.
Protection
The system will turn the DSG FET ON if the voltage at VM is below 150 mV OR no load
is detected.
7.5.5 Gas Gauge Control of Discharge DOUT Pin
Firmware Control of DOUT for Protection
The gas gauge firmware can override the hardware-based protection by forcing DOUT low to turn OFF the
discharge FET. However, the firmware cannot override the hardware protection to force discharge.
There are three conditions that enable firmware to force DOUT low:
1. The HOST_DISCONNECT (DSG FET OFF) subcommand: This feature is useful for the system to disable
the discharge FET from the battery pack if it fails to authenticate.
2. Pack removal detection by the SDA and SCL pins falling low for more than 2 seconds: The DOUT pin
override condition is released upon detection of PACK insertion.
3. Firmware-based undervoltage detection: The DOUT pin is forced low if voltage of the cell falls below the Set
Voltage threshold. The DOUT override condition is released when the voltage is above Clear Voltage.
Any one of the above three conditions will force the DOUT pin low. However, all three corresponding release
conditions must be satisfied before the DOUT override is returned to hardware-based protection control.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com