Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 27Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 28Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 29Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 30Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 31Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 32Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 33Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 34Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
13
PWPD
TR-BC847BPDXV6T1
TR-BC847BPDXV6T1
Q1
Note: R4 and R5 must be greater than 3 M .
Q2
CSD16340Q3
GND SIDE
CSD16340Q3
DOUT
COUT
VM
BAT
VREG
VSS
GPIO
SCL
TS
SRP
SRN
VREG
PACK+
PACK–
CELLN
CELLP
S
S
D
1
2
3
4
5
6
12
11
10
9
8
7
SDA
10 m
0.1
0.1
0.1
510
100
SDA
SCL
FUSE
DSG
CHG
13
PWPD
100
3.3K
VREG
100
5V6
5V6
5V6
ALERT
5 M
5 M
µF
µF
µF
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
Typical Application (continued)
Figure 6. Application—ALERT
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com