Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 14Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 15Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 16Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 17Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 18Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 19Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 20Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 21Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
Feature Description (continued)
Acknowledge Bits: An Acknowledge bit (A) is required after each data transfer byte to ensure correct
communications. This occurs when the receiving device pulls the SDA low before the rising edge of the
acknowledge-related clock pulse (ninth pulse), and keeps it low until the SCL returns low. There is also a No-
Acknowledge bit (N), which occurs when the receiver releases the SDA line (high) before the rising edge of
acknowledge-related clock pulse, and maintains the SDA line high until SCL returns low. The Acknowledge bit
indicates if a successful data transfer has occurred between the master and slave device. Monitoring this bit also
indicates an unsuccessful data transfer due to the receiving device being busy or as system fault occurrence.
Communication Format
A START command immediately followed by a STOP command is an illegal format.
MSB
S
Slave Address
R/W
A
Data
A
P
S = START Command
R/W = Read from slave device ("1") or Write to slave device ("0")
A = Acknowledge bit
P = STOP Command
Slave Address = 7-bit address field for register address
DATA = 8-bit data field
PEC = Packet Error Checking
Slave to Master
Master to Slave
Communication Format for Multi-Word with Packet Error Checking (PEC)
Table 2. Write Byte with PEC
1
7
1
1
8
1
8
1
8
1
1
S
Slave Address
W
A
Command
A
Data Byte
A
PEC
A
P
Code
Table 3. Write Word with PEC
1
7
1
1
8
1
8
1
8
1
8
1
1
S
Slave
W
A
Command
A
Data Byte
A
Data Byte
A
PEC
A
P
Address
Code
Low
High
Table 4. Read Byte with PEC
1
7
1
1
8
1
1
7
1
1
8
1
8
1
1
S
Slave
W
A
Command
A
S
Slave
R
A
Data Byte
A
PEC
A
P
Address
Code
Address
Table 5. Read Word with PEC
1
7
1
1
8
1
1
7
1
1
8
1
8
1
8
1
1
S
Slave Address
W
A
Command
A
S
Slave
R
A
Data
A
Data
A
PEC
A
P
Code
Address
Byte
Byte
Low
High
18
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com