Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 3Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 4Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 5Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 6Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 7Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 8Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 9Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 10Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
Electrical Characteristics: Voltage Regulator (continued)
TA = –40 to +85ºC, VBAT =1.5 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT =3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT = 3.6 V → 5.5 V, Rload = 100 Ω
Regulator off voltage
tVOFF
VREG = 2.5 V → 2.3 V, Cload = 0.1 µF,
50
100
µs
delay time
TA = 25°C
6.7 Electrical Characteristics: Power-On Reset
TA = –40 to +85ºC; Typical Values at TA = 25ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive-going battery
VIT+
No external loading on VREG
2.125
2.200
2.275
V
voltage input at VREG
VHYS
No external loading on VREG
75
125
175
mV
6.8 Electrical Characteristics: Internal Temperature Sensor Characteristics
TA = –40 to +85ºC; VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature Sensor
GTEMP
–2
mV/°C
Voltage Gain
6.9 Electrical Characteristics: High Frequency Oscillator
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(OSC)
Operating frequency
2.097
MHz
TA = 0°C to 60°C
–2.0%
0.38%
2.0%
f(EIO)
Frequency error (1), (2)
TA = –20°C to 70°C
–3.0%
0.38%
3.0%
TA = –40°C to 85°C
–4.5%
0.38%
4.5%
t(SXO)
Start-up time (3)
2.5
5
ms
(1)
The frequency error is measured from 2.097 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3%.
6.10 Electrical Characteristics: Low Frequency Oscillator
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(LOSC)
Operating frequency
32.768
kHz
TA = 0°C to 60°C
–1.5%
0.25%
1.5%
f(LEIO)
Frequency error (1), (2)
TA = –20°C to 70°C
–2.5%
0.25%
2.5%
TA = –40°C to 85°C
–4.0%
0.25%
4.0%
t(LSXO)
Start-up time (3)
500
μs
(1)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(2)
The frequency error is measured from 32.768 kHz.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3%.
6.11 Electrical Characteristics: Integrating ADC (Coulomb Counter) Characteristics
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range,
VIN(SR)
VSR = V(SRN) – V(SRP)
–0.125
0.125
V
V(SRN) and V(SRP)
Conversion time
Single conversion
1
s
tCONV(SR)
Resolution
14
15
bits
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com