Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 78Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 79Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 80Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 81Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 82Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 83Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 84Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 85Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 176 page
background image
82
AT89C5131
4136B–USB–09/03
Table 67. IPH1 Register
IPH1 - Interrupt Priority High Register (B3h)
Reset Value = XXXX X000b
Not bit addressable
7
6
5
4
3
2
1
0
-
-
-
-
-
PSPIH
-
PKBH
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6PUSBH
USB Interrupt Priority High bit
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2PSPIH
SPI Interrupt Priority High bit
SPIH
SPIL
Priority Level
0
0
Lowest
01
10
1
1
Highest
1-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0PKBH
Keyboard Interrupt Priority High bit
KBDH KBDL
Priority Level
0
0
Lowest
01
10
1
1
Highest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com