Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 84 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 84 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 80Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 81Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 82Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 83Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 84Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 85Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 86Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 87Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 88Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 176 page
background image
84
AT89C5131
4136B–USB–09/03
Keyboard Interface
Introduction
The AT89C5131 implements a keyboard interface allowing the connection of a 8 x n
matrix keyboard. It is based on 8 inputs with programmable interrupt capability on both
high or low level. These inputs are available as an alternate function of P1 and allow to
exit from idle and power down modes.
Description
The keyboard interface communicates with the C51 core through 3 special function reg-
isters: KBLS, the Keyboard Level Selection register (Table 71), KBE, The Keyboard
interrupt Enable register (Table 70), and KBF, the Keyboard Flag register (Table 69).
Interrupt
The keyboard inputs are considered as 8 independent interrupt sources sharing the
same interrupt vector. An interrupt enable bit (KBD in IE1) allows global enable or dis-
able of the keyboard interrupt (see Figure 37). As detailed in Figure 38 each keyboard
input has the capability to detect a programmable level according to KBLS.x bit value.
Level detection is then reported in interrupt flags KBF.x that can be masked by software
using KBE.x bits.
This structure allow keyboard arrangement from 1 by n to 8 by n matrix and allow usage
of P1 inputs for other purpose.
Figure 37. Keyboard Interface Block Diagram
Figure 38. Keyboard Input Circuitry
P1.0
Keyboard Interface
Interrupt Request
KBD
IE1.0
Input Circuitry
P1.1
Input Circuitry
P1.2
Input Circuitry
P1.3
Input Circuitry
P1.4
Input Circuitry
P1.5
Input Circuitry
P1.6
Input Circuitry
P1.7
Input Circuitry
KBDIT
P1:x
KBE.x
KBF.x
KBLS.x
0
1
Vcc
Internal Pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com