Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 3Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 4Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 5Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 6Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 7Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 9Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 10Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 176 page
background image
7
AT89C5131
4136B–USB–09/03
Signals
All the AT89C5131 signals are detailed by functionality on Table 1 through Table 12.
Table 1. Keypad Interface Signal Description
Table 2. Programmable Counter Array Signal Description
Table 3. Serial I/O Signal Description
Signal
Name
Type
Description
Alternate
Function
KIN[7:0)
I
Keypad Input Lines
Holding one of these pins high or low for 24 oscillator periods triggers a
keypad interrupt if enabled. Held line is reported in the KBCON register.
P1[7:0]
Signal
Name
Type
Description
Alternate
Function
ECI
I
External Clock Input
P1.2
CEX[4:0]
I/O
Capture External Input
Compare External Output
P1.3
P1.4
P1.5
P1.6
P1.7
Signal
Name
Type
Description
Alternate
Function
RxD
I
Serial Input
The serial input is P3.0 after reset, but it can also be configured to P4.0 by
software.
P3.0
TxD
O
Serial Output
The serial output is P3.1 after reset, but it can also be configured to P4.1 by
software.
P3.1
Table 4. Timer 0, Timer 1 and Timer 2 Signal Description
Signal
Name
Type
Description
Alternate
Function
INT0
I
Timer 0 Gate Input
INT0 serves as external run control for timer 0, when selected by GATE0
bit in TCON register.
External Interrupt 0
INT0 input set IE0 in the TCON register. If bit IT0 in this register is set, bits
IE0 are set by a falling edge on INT0. If bit IT0 is cleared, bits IE0 is set by
a low level on INT0.
P3.2
INT1
I
Timer 1 Gate Input
INT1 serves as external run control for Timer 1, when selected by GATE1
bit in TCON register.
External Interrupt 1
INT1 input set IE1 in the TCON register. If bit IT1 in this register is set, bits
IE1 are set by a falling edge on INT1. If bit IT1 is cleared, bits IE1 is set by
a low level on INT1.
P3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com