Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 41Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 42Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 43Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 44Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 45Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 46Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 47Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 48Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 176 page
background image
45
AT89C5131
4136B–USB–09/03
Hardware Security Byte
Default value after erasing chip: FFh
Notes:
1. Only the 4 MSB bits can be access by software.
2. The 4 LSB bits can only be access by parallel mode.
Table 44. Hardware Security Byte
765
43210
X2B
BLJB
OSCON1
OSCON0
-
LB2
LB1
LB0
Bit Number
Bit
Mnemonic
Description
7X2B
X2 Bit
Set this bit to start in standard mode
Clear this bit to start in X2 mode.
6BLJB
Bootloader Jump Bit
Set this bit to start the user’s application on next reset at address 0000h.
Cleared this bit to start the bootloader at address F400h (default).
5-4
OSCON1-0
Oscillator Control Bits
These two bits are used to control the oscillator in order to reduce
consumption.
OSCON1
OSCON0 Description
1
1
oscillator is configured to run from 0 to 32 MHz
1
0
oscillator is configured to run from 0 to 16 MHz
0
1
oscillator is configured to run from 0 to 8 MHz
0
0
this configuration shouldn’t be set
3-
Reserved
The value read from this bit is indeterminate.
2-0
LB2:0
Lock Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com