Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 10Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 11Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 12Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 176 page
background image
14
AT89C5131
4136B–USB–09/03
The Special Function Registers (SFRs) of the AT89C5131 fall into the following
categories:
Table 14. C51 Core SFRs
Table 15. I/O Port SFRs
Mnemonic
Add
Name
765
43210
ACC
E0h
Accumulator
B
F0h
B Register
PSW
D0h
Program Status
Word
SP
81h
Stack Pointer
LSB of SPX
DPL
82h
Data Pointer
Low byte
LSB of DPTR
DPH
83h
Data Pointer
High byte
MSB of DPTR
Mnemonic
Add
Name
765
43210
P0
80h
Port 0
P1
90h
Port 1
P2
A0h
Port 2
P3
B0h
Port 3
P4
C0h
Port 4 (x2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com