Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 40Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 41Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 42Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 43Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 44Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 45Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 46Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 47Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 176 page
background image
44
AT89C5131
4136B–USB–09/03
Application-
Programming-Interface
Several Application Program Interface (API) calls are available for use by an application
program to permit selective erasing and programming of Flash pages. All calls are made
by functions.
All these APIs are described in detail in the following document on the Atmel web site.
–
Datasheet Bootloader USB AT89C5131.
XROW Bytes
The EXTRA ROW (XROW) includes 128 bytes. Some of these bytes are used for spe-
cific purpose in conjonction with the bootloader.
Table 43. XROW Mapping
Hardware Conditions
It is possible to force the controller to execute the bootloader after a Reset with hard-
ware conditions.
During the first programming, the user can define a configuration on Port1 that will be
recognized by the chip as the hardware conditions during a Reset. If this condition is
met, the chip will start executing the bootloader at the end of the Reset.
See a detailed description in the applicable Document.
–
Datasheet Bootloader USB AT89C5131.
Description
Default Value
Address
Copy of the Manufacturer Code
58h
30h
Copy of the Device ID#1: Family code
D7h
31h
Copy of the Device ID#2: Memories size and type
BBh
60h
Copy of the Device ID#3: Name and Revision
FFh
61h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com