Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 52Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 53Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 54Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 55Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 56Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 57Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 58Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 59Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 176 page
background image
56
AT89C5131
4136B–USB–09/03
The CMOD register includes three additional bits associated with the PCA (See
Figure 25 and Table 49).
•
The CIDL bit allows the PCA to stop during idle mode.
•
The WDTE bit enables or disables the watchdog function on module 4.
•
The ECF bit when set causes an interrupt and the PCA overflow flag CF (in the
CCON SFR) to be set when the PCA timer overflows.
The CCON register contains the run control bit for the PCA and the flags for the PCA
timer (CF) and each module (see Table 50).
•
Bit CR (CCON.6) must be set by software to run the PCA. The PCA is shut off by
clearing this bit.
•
Bit CF: The CF bit (CCON.7) is set when the PCA counter overflows and an
interrupt will be generated if the ECF bit in the CMOD register is set. The CF bit can
only be cleared by software.
•
Bits 0 through 4 are the flags for the modules (bit 0 for module 0, bit 1 for module 1,
etc.) and are set by hardware when either a match or a capture occurs. These flags
can only be cleared by software.
Reset Value = 000X 0000b
Not bit addressable
Table 50. CCON Register
CCON - PCA Counter Control Register (D8h)
7654
3210
CF
CR
–
CCF4
CCF3
CCF2
CCF1
CCF0
Bit
Number
Bit
Mnemonic Description
7CF
PCA Counter Overflow flag
Set by hardware when the counter rolls over. CF flags an interrupt if bit ECF in
CMOD is set. CF may be set by either hardware or software but can only be cleared
by software.
6CR
PCA Counter Run control bit
Must be cleared by software to turn the PCA counter off.
Set by software to turn the PCA counter on.
5–
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
CCF4
PCA Module 4 interrupt flag
Must be cleared by software.
Set by hardware when a match or capture occurs.
3
CCF3
PCA Module 3 interrupt flag
Must be cleared by software.
Set by hardware when a match or capture occurs.
2
CCF2
PCA Module 2 interrupt flag
Must be cleared by software.
Set by hardware when a match or capture occurs.
1
CCF1
PCA Module 1 Interrupt Flag
Must be cleared by software.
Set by hardware when a match or capture occurs.
0
CCF0
PCA Module 0 Interrupt Flag
Must be cleared by software.
Set by hardware when a match or capture occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com