Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 42Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 43Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 44Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 45Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 46Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 47Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 48Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 49Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 176 page
background image
46
AT89C5131
4136B–USB–09/03
On-chip Expanded
RAM (ERAM)
The AT89C5131 provides additional Bytes of random access memory (RAM) space for
increased data parameter handling and high level language usage.
AT89C5131 devices have expanded RAM in external data space; maximum size and
location are described in Table 45.
The AT89C5131 has on-chip data memory that is mapped into the following four sepa-
rate segments.
1.
The Lower 128 bytes of RAM (addresses 00h to 7Fh) are directly and indirectly
addressable.
2.
The Upper 128 bytes of RAM (addresses 80h to FFh) are indirectly addressable
only.
3.
The Special Function Registers, SFRs, (addresses 80h to FFh) are directly
addressable only.
4.
The expanded RAM bytes are indirectly accessed by MOVX instructions, and
with the EXTRAM bit cleared in the AUXR register (see Table 45)
The lower 128 bytes can be accessed by either direct or indirect addressing. The Upper
128 bytes can be accessed by indirect addressing only. The Upper 128 bytes occupy
the same address space as the SFR. That means they have the same address, but are
physically separate from SFR space.
Figure 22. Internal and External Data Memory Address
Table 45. Description of Expanded RAM
Part Number
ERAM Size
Address
Start
End
AT89C5131
1024
00h
3FFh
ERAM
Upper
128 bytes
Internal
RAM
Lower
128 bytes
Internal
RAM
Special
Function
Register
80h
80h
00
0FFh or 3FFh
0FFh
00
0FFh
External
Data
Memory
0000
00FFh up to 03FFh
0FFFFh
indirect accesses
direct accesses
direct or indirect
accesses
7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com