Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 53Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 54Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 55Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 56Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 57Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 58Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 59Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 60Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 176 page
background image
57
AT89C5131
4136B–USB–09/03
The watchdog timer function is implemented in module 4 (See Figure 28).
The PCA interrupt system is shown in Figure 26.
Figure 26. PCA Interrupt System
PCA Modules: each one of the five compare/capture modules has six possible func-
tions. It can perform:
•
16-bit capture, positive-edge triggered
•
16-bit capture, negative-edge triggered
•
16-bit capture, both positive and negative-edge triggered
•
16-bit Software Timer
•
16-bit High-speed Output
•
8-bit Pulse Width Modulator
In addition, module 4 can be used as a Watchdog Timer.
Each module in the PCA has a special function register associated with it. These regis-
ters are: CCAPM0 for module 0, CCAPM1 for module 1, etc. (see Table 51). The
registers contain the bits that control the mode that each module will operate in.
•
The ECCF bit (CCAPMn.0 where n = 0, 1, 2, 3, or 4 depending on the module)
enables the CCF flag in the CCON SFR to generate an interrupt when a match or
compare occurs in the associated module.
•
PWM (CCAPMn.1) enables the pulse width modulation mode.
•
The TOG bit (CCAPMn.2) when set causes the CEX output associated with the
module to toggle when there is a match between the PCA counter and the module's
capture/compare register.
•
The match bit MAT (CCAPMn.3) when set will cause the CCFn bit in the CCON
register to be set when there is a match between the PCA counter and the module's
capture/compare register.
•
The next two bits CAPN (CCAPMn.4) and CAPP (CCAPMn.5) determine the edge
that a capture input will be active on. The CAPN bit enables the negative edge, and
CF
CR
CCON
0xD8
CCF4 CCF3
CCF2
CCF1
CCF0
Module 4
Module 3
Module 2
Module 1
Module 0
ECF
PCA Timer/Counter
ECCFn CCAPMn.0
CMOD.0
IE.6
IE.7
To Interrupt
priority decoder
EC
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com