Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 92Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 93Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 94Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 95Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 96Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 97Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 99Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 176 page
background image
96
AT89C5131
4136B–USB–09/03
Reset Value = 0001 0100b
Not bit addressable
Serial Peripheral Status Register
(SPSTA)
The Serial Peripheral Status Register contains flags to signal the following conditions:
•
Data transfer complete
•
Write collision
•
Inconsistent logic level on SS pin (mode fault error)
Table 76 describes the SPSTA register and explains the use of every bit in the register.
Table 76. SPSTA Register
SPSTA - Serial Peripheral Status and Control register (0C4H)
2SPR1
SPR2
SPR1
SPR0
Serial Peripheral Rate
0
0
0
Invalid
00
1
F
CLK PERIPH/4
01
0
F
CLK PERIPH/8
01
1
F
CLK PERIPH/16
10
0
F
CLK PERIPH/32
10
1
F
CLK PERIPH/64
11
0
F
CLK PERIPH/128
1
1
1
Invalid
1SPR0
Bit
Number
Bit Mnemonic
Description
7654
3210
SPIF
WCOL
SSERR
MODF
----
Bit
Number
Bit
Mnemonic Description
7SPIF
Serial Peripheral data transfer flag
Cleared by hardware to indicate data transfer is in progress or has been
approved by a clearing sequence.
Set by hardware to indicate that the data transfer has been completed.
6WCOL
Write Collision flag
Cleared by hardware to indicate that no collision has occurred or has been
approved by a clearing sequence.
Set by hardware to indicate that a collision has been detected.
5SSERR
Synchronous Serial Slave Error flag
Set by hardware when SS is de-
asserted before the end of a received data.
Cleared by disabling the SPI (clearing SPEN bit in SPCON).
4MODF
Mode Fault
Cleared by hardware to indicate that the SS pin is at appropriate logic level, or
has been approved by a clearing sequence.
Set by hardware to indicate that the SS pin is at inappropriate logic level.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com