Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 100 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 96Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 97Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 99Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 100Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 101Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 102Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 103Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 176 page
background image
100
AT89C5131
4136B–USB–09/03
Description
The CPU interfaces to the TWI logic via the following four 8-bit special function regis-
ters: the Synchronous Serial Control register (SSCON; Table 84 and Table 79), the
Synchronous Serial Data register (SSDAT; Table 85), the Synchronous Serial Control
and Status register (SSCS; Table 86) and the Synchronous Serial Address register
(SSADR see Table 87 and Table 78).
SSCON is used to enable SSLC, to program the bit rate (see Table 79), to enable slave
modes, to acknowledge or not a received data, to send a START or a STOP condition
on the TWI bus, and to acknowledge a serial interrupt. A hardware reset disables SSLC.
In write mode, SSCS is used to select the TWI interface and to select the bit rate source.
In read mode, SSCS contains a status code which reflects the status of the TWI logic
and the TWI bus. The three least significant bits are always zero. The five most signifi-
cant bits contain the status code. There are 26 possible status codes. When SSCS
contains F8h, no relevant state information is available and no serial interrupt is
requested. A valid status code is available in SSCS one machine cycle after SI is set by
hardware and is still present one machine cycle after SI has been reset by software.
Table 80 to Table 83 give the status for the master modes and miscellaneous states.
SSDAT contains a byte of serial data to be transmitted or a byte which has just been
received. It is addressable while it is not in process of shifting a byte. This occurs when
TWI logic is in a defined state and the serial interrupt flag is set. Data in SSDAT remains
stable as long as SI is set. While data is being shifted out, data on the bus is simulta-
neously shifted in; SSDAT always contains the last byte present on the bus.
SSADR may be loaded with the 7-bit slave address (7 most significant bits) to which
SSLC will respond when programmed as a slave transmitter or receiver. The LSB is
used to enable general call address (00h) recognition.
Figure 48 shows how a data transfer is accomplished on the TWI bus.
Figure 48. Complete Data Transfer on TWI Bus
The four operating modes are:
•
Master Transmitter
•
Master Receiver
•
Slave Transmitter
•
Slave Receiver
Data transfer in each mode of operation is shown in Figure 49 to Figure 52. These fig-
ures contain the following abbreviations:
S: START condition
R: Read bit (high level at SDA)
W: Write bit (low level at SDA)
SDA
SCL
S
start
condition
MSB
12
7
89
ACK
acknowledgement
signal from receiver
acknowledgement
signal from receiver
12
3-8
9
ACK
stop
condition
P
clock line held low
while interrupts are serviced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com