Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 99Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 100Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 101Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 102Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 103Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 104Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 105Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 176 page
background image
102
AT89C5131
4136B–USB–09/03
SSIE, CR2, CR1 and CR0 are not affected by the serial transfer and are referred to
Table . After a repeated START condition (state 10h) SSLC may switch to the master
transmitter mode by loading SSDAT with SLA+W.
Slave Receiver Mode
In the slave receiver mode, a number of data bytes are received from a master transmit-
ter (Figure 51). To initiate the slave receiver mode, SSADR and SSCON must be loaded
as follows:
The upper 7 bits are the address to which SSLC will respond when addressed by a mas-
ter. If the LSB (GC) is set SSLC will respond to the general call address (00h); otherwise
it ignores the general call address.
CR0, CR1 and CR2 have no effect in the slave mode (Table 82). SSIE must be set to
enable SSLC. The AA bit must be set to enable the own slave address or the general
call address acknowledgement. STA, STO and SI must be cleared.
When SSADR and SSCON have been initialised, SSLC waits until it is addressed by its
own slave address followed by the data direction bit which must be at logic 0 (W) for
SSLC to operate in the slave receiver mode. After its own slave address and the W bit
have been received, the serial interrupt flag is set and a valid status code can be read
from SSCS. This status code is used to vector to an interrupt service routine.The appro-
priate action to be taken for each of these status code is detailed in Table 84. The slave
receiver mode may also be entered if arbitration is lost while SSLC is in the master
mode (states 68h and 78h of Table 84).
If the AA bit is reset during a transfer, SSLC will return a not acknowledge (logic 1) to
SDA after the next received data byte. While AA is reset, SSLC does not respond to its
own slave address. However, the TWI bus is still monitored and address recognition
may be resume at any time by setting AA. This means that the AA bit may be used to
temporarily isolate SSLC from the TWI bus.
Slave Transmitter Mode
In the slave transmitter mode, a number of data bytes are transmitted to a master
receiver (Figure 52). Data transfer is initialized as in the slave receiver mode. When
SSADR and SSCON have been initialized, SSLC waits until it is addressed by its own
slave address followed by the data direction bit which must be at logic 1 (R) for SSLC to
operate in the slave transmitter mode. After its own slave address and the R bit have
been received, the serial interrupt flag is set and a valid status code can be read from
SSCS. This status code is used to vector to an interrupt service routine. The appropriate
action to be taken for each of these status code is detailed in Table 83. The slave trans-
mitter mode may also be entered if arbitration is lost while SSLC is in the master mode
(state B0h of Table 83).
Table 78. SSADR: Slave Receiver Mode Initialization
A6
A5
A4
A3
A2
A1
A0
GC
own slave address
Table 79. SSCON: Slave Receiver Mode Initialization
CR2
SSIE
STA
STO
SI
AA
CR1
CR0
bit rate
1
0
0
0
1
bit rate
bit rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com