Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 100Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 101Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 102Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 103Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 104Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 105Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 106Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 107Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 176 page
background image
104
AT89C5131
4136B–USB–09/03
Figure 49. Format and State in the Master Transmitter Mode
SSLA
W
A
Data
A
P
08h
18h
28h
MT
SSLA
W
AP
AP
R
MR
10h
20h
30h
A or A
continues
38h
38h
A
continues
68h
Other master
Other master
78h
B0h
To corresponding
states in slave mode
Successfull
transmission
to a slave
receiver
Next transfer
started with a
repeated start
condition
Not acknowledge
received after the
slave address
Not acknowledge
received after a data
Arbitration lost in slave
address or data byte
Arbitration lost and
addressed as slave
byte
A or A
continues
Other master
Data
A
n
From master to slave
From slave to master
Any number of data bytes and their associated
acknowledge bits
This number (contained in SSCS) corresponds
to a defined state of the TWI bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com