Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131-RDTIL Datasheet(PDF) 103 Page - ATMEL Corporation

Part # AT89C5131-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131-RDTIL Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button AT89C5131-RDTIL Datasheet HTML 99Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 100Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 101Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 102Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 103Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 104Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 105Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 106Page - ATMEL Corporation AT89C5131-RDTIL Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 176 page
background image
103
AT89C5131
4136B–USB–09/03
If the AA bit is reset during a transfer, SSLC will transmit the last byte of the transfer and
enter state C0h or C8h. SSLC is switched to the not addressed slave mode and will
ignore the master receiver if it continues the transfer. Thus the master receiver receives
all 1’s as serial data. While AA is reset, SSLC does not respond to its own slave
address. However, the TWI bus is still monitored and address recognition may be
resume at any time by setting AA. This means that the AA bit may be used to tempo-
rarily isolate SSLC from the TWI bus.
Miscellaneous States
There are two SSCS codes that do not correspond to a define SSLC hardware state
(see Table 86). These codes are discuss hereafter.
Status F8h indicates that no relevant information is available because the serial interrupt
flag is not set yet. This occurs between other states and when SSLC is not involved in a
serial transfer.
Status 00h indicates that a bus error has occurred during an SSLC serial transfer. A bus
error is caused when a START or a STOP condition occurs at an illegal position in the
format frame. Examples of such illegal positions happen during the serial transfer of an
address byte, a data byte, or an acknowledge bit. When a bus error occurs, SI is set. To
recover from a bus error, the STO flag must be set and SI must be cleared. This causes
SSLC to enter the not addressed slave mode and to clear the STO flag (no other bits in
SSCON are affected). The SDA and SCL lines are released and no STOP condition is
transmitted.
Notes
SSLC interfaces to the external TWI bus via two port pins: SCL (serial clock line) and
SDA (serial data line). To avoid low level asserting on these lines when SSLC is
enabled, the output latches of SDA and SLC must be set to logic 1.
Bit Frequency (kHz)
CR2
CR1
CR0
FOSCA= 12 MHz
FOSCA = 16 MHz
FOSCA divided by
0
0
0
47
62.5
256
0
0
1
53.5
71.5
224
0
1
0
62.5
83
192
0
1
1
75
100
160
1
0
0
12.5
16.5
960
1
0
1
100
-
120
11
0
-
-
60
1
1
1
0.5 < . < 62.5
0.67 < . < 83
96 · (256 - reload
value Timer 1)
(reload value range:
0-254 in mode 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com