Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 31Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 32Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 33Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 34Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 35Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 36Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 37Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 38Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
35
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial-port timing parameters for TMS320C31-60 (see Figure 25 and Figure 26)
NO
’C31-60
UNIT
NO.
MIN
MAX
UNIT
54
td(H1H-SCK)
Delay time, H1 high to internal CLKX/R
8
ns
55
t (SCK)
Cycle time CLKX/R
CLKX/R ext
tc(H)x2.6
ns
55
tc(SCK)
Cycle time, CLKX/R
CLKX/R int
tc(H)x2
tc(H)x232
ns
56
t (SCK)
Pulse duration CLKX/R high/low
CLKX/R ext
tc(H)+10
ns
56
tw(SCK)
Pulse duration, CLKX/R high/low
CLKX/R int
[tc(SCK)/2]–5
[tc(SCK)/2]+5
ns
57
tr(SCK)
Rise time, CLKX/R
5
ns
58
tf(SCK)
Fall time, CLKX/R
5
ns
59
td(C DX)
Delay time CLKX to DX valid
CLKX ext
20
ns
59
td(C-DX)
Delay time, CLKX to DX valid
CLKX int
15
ns
60
t
(DR CLKRL)
Setup time DR before CLKR low
CLKR ext
8
ns
60
tsu(DR-CLKRL)
Setup time, DR before CLKR low
CLKR int
15
ns
61
th(CLKRL DR)
Hold time DR from CLKR low
CLKR ext
6
ns
61
th(CLKRL-DR)
Hold time, DR from CLKR low
CLKR int
0
ns
62
td(C FSX)
Delay time CLKX to internal FSX high/low
CLKX ext
20
ns
62
td(C-FSX)
Delay time, CLKX to internal FSX high/low
CLKX int
14
ns
63
t
(FSR CLKRL)
Setup time FSR before CLKR low
CLKR ext
6
ns
63
tsu(FSR-CLKRL)
Setup time, FSR before CLKR low
CLKR int
6
ns
64
th(SCKL FS)
Hold time FSX/R input from CLKX/R low
CLKX/R ext
6
ns
64
th(SCKL-FS)
Hold time, FSX/R input from CLKX/R low
CLKX/R int
0
ns
65
t
(FSX C)
Setup time external FSX before CLKX
CLKX ext
–[tc(H) –8]†
[tc(SCK)/2] – 10†
ns
65
tsu(FSX-C)
Setup time, external FSX before CLKX
CLKX int
–[tc(H) – 21]†
tc(SCK)/2†
ns
66
td(CH DX)V
Delay time, CLKX to first DX bit, FSX
CLKX ext
20†
ns
66
td(CH-DX)V
Delay time, CLKX to first DX bit, FSX
precedes CLKX high
CLKX int
12†
ns
67
td(FSX-DX)V
Delay time, FSX to first DX bit, CLKX precedes FSX
20†
ns
68
td(CH-DXZ)
Delay time, CLKX high to DX high impedance following last
data bit
12†
ns
† This value is characterized but not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com