Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 19Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 20Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 21Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 22Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 23Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 24Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 25Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 26Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
23
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
XF0 and XF1 timing when executing SIGI
The following tables define the timing parameters for the XF0 and XF1 pins during execution of SIGI. The
numbers shown in Figure 17 correspond with those in the NO. column of the tables below.
timing parameters for XF0 and XF1 when executing SIGI for TMS320C31 (see Figure 17)
NO.
’LC31-33
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
29
td(H3H-XF0L)
Delay time, H3 high to XF0
low
15
13
12
11
8
ns
30
td(H3H-XF0H)
Delay time, H3 high to XF0
high
15
13
12
11
8
ns
31
tsu(XF1-H1L)
Setup time, XF1 before H1
low
10
9
9
8
6
ns
32
th(H1L-XF1)
Hold time, XF1 after H1 low
0
0
0
0
0
ns
H3
H1
Fetch
SIGI
Decode
Read
Execute
XF0
XF1
31
32
29
30
Figure 17. Timing for XF0 and XF1 When Executing SIGI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com