Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 8Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 9Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 10Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 11Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 12Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 13Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 14Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 15Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(see Note 3)†
PARAMETER
TEST CONDITIONS
’C31
’LC31
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VOH
High-level output voltage
VDD = MIN, IOH = MAX
2.4
3
2
V
VOL
Low-level output voltage
VDD = MIN, IOH = MAX
0.3
0.6
0.4
V
IZ
High-impedance current
VDD = MAX
– 20
+ 20
– 20
+ 20
µA
II
Input current
VI = VSS to VDD
– 10
+ 10
– 10
+ 10
µA
IIP
Input current (with internal
pullup)
Inputs with internal pullups§
– 600
20
– 600
10
µA
¶#
f = 33 MHz
’LC31 33
150
325
120
250
¶#
fx = 33 MHz ’LC31-33
150
325
120
250
¶#
T25
°C
fx = 33 MHz
’C31-33
(ext. temp)
150
325
ICC
Supply current¶#
TA = 25°C,
VDD = MAX
fx = 40 MHz ’C31-40
160
390
150
300
mA
CC
y
VDD = MAX
fx = 50 MHz ’C31-50
200
425
fx = 60 MHz ’C31-60
225
475
fx = 80 MHz ’C31-80
275
550
IDD
Supply current
Standby,
IDLE2
Clocks shut off
50
20
µA
Ci
Input
All inputs except CLKIN
15||
15||
pF
Ci
capacitance
CLKIN
25
25
pF
Co
Output capacitance
20||
20||
pF
† All input and output voltage levels are TTL compatible.
‡ For ’C31, all typical values are at VDD = 5 V, TA (air temperature) = 25°C. For ’LC31, all typical values are at VDD = 3.3 V,
TA (air temperature) = 25°C.
§ Pins with internal pullup devices: INT3 – INT0, MCBL / MP.
¶ Actual operating current is less than this maximum value. This value was obtained under specially produced worst-case test conditions, which
are not sustained during normal device operation. These conditions consist of continuous parallel writes of a checkerboard pattern at the
maximum rate possible. See
Calculation of TMS320C30 Power Dissipation Application Report (literature number SPRA020).
# fx is the input clock frequency.
|| Specified by design but not tested
NOTE 6: All voltage values are with respect to VSS. All input and output voltage levels are TTL-compatible. CLKIN can be driven by a CMOS
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com