Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 24Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 25Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 26Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 27Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 28Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 29Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 30Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 31Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
28
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing parameters for RESET for the TMS320C31 and TMS320LC31 (continued)
CLKIN
H1
H3
38
39
42
45
46
49
48
41
40
43
RESET
(see Notes A and B)
IACK
Ten H1 Clock Cycles
D
(see Note C)
A
(see Note C)
Control Signals
(see Note D)
Asynchronous
Reset Signals
(see Note A)
44
47
TMS320C31 R/W
(see Note E)
NOTES: A. Asynchronous reset signals include XF0 / 1, CLKX0, DX0, FSX0, CLKR0, DR0, FSR0, and TCLK0/1.
B. RESET is an asynchronous input and can be asserted at any point during a clock cycle. If the specified timings are met, the exact
sequence shown occurs; otherwise, an additional delay of one clock cycle is possible.
C. In microprocessor mode, the reset vector is fetched twice, with seven software wait states each time. In microcomputer mode, the
reset vector is fetched twice, with no software wait states.
D. Control signals include STRB.
E. The R/W outputs are placed in a high-impedance state during reset and can be provided with a resistive pullup, nominally
18–22 k
Ω, if undesirable spurious writes are caused when these outputs go low.
Figure 21. Timing for RESET
5
10 15 20
25 30 35 40 45 50 55
60 65 70 75 80 85 90
95 100
0
0
2
4
6
8
10
12
14
16
18
20
22
Case Temperature (
°C)
TMS320C31-40 (Extended Temperature)
TMS320C31-40
4.75 V
≤ VDD ≤ 5.25 V
105 110 115 120 125
Extended
Temperature
Range
Figure 22. CLKIN to H1 and H3 as a Function of Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com