Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 14Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 15Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 16Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 17Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 18Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 19Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 20Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 21Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
memory read/write timing
The following table defines memory read/write timing parameters for STRB. The numbers shown in Figure 12 and Figure 13 correspond with
those in the NO. column of the table below.
timing parameters for memory (STRB = 0) read/write (see Figure 12 and Figure 13)†
NO.
’LC31-33
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
12
td(H1L-SL)
Delay time, H1 low to STRB low
0‡
10
0‡
6
0‡
5
0‡
5
0‡
5
ns
13
td(H1L-SH)
Delay time, H1 low to STRB high
0‡
10
0‡
6
0‡
5
0‡
5
0‡
5
ns
14
td(H1H-RWL)R
Delay time, H1 high to R/W low (read)
0‡
10
0‡
9
0‡
7
0‡
6
0‡
4
ns
15
td(H1L-A)
Delay time, H1 low to A valid
0‡
14
0‡
11
0‡
9
0‡
8
0‡
7
ns
16
tsu(D-H1L)R
Setup time, D before H1 low (read)
16
14
10
9
8
ns
17
th(H1L-D)R
Hold time, D after H1 low (read)
0
0
0
0
0
ns
18
tsu(RDY-H1H)
Setup time, RDY before H1 high
8
8
6
5
4
ns
19
th(H1H-RDY)
Hold time, RDY after H1 high
0
0
0
0
0
ns
20
td(H1H-RWH)W
Delay time, H1 high to R/W high (write)
10
9
7
6
4
ns
21
tv(H1L-D)W
Valid time, D after H1 low (write)
20
17
14
12
8
ns
22
th(H1H-D)W
Hold time, D after H1 high (write)
0
0
0
0
0
ns
23
td(H1H-A)W
Delay time, H1 high to A valid on back-to-back write
cycles (write)
18
15
12
10
8
ns
24
td(A-RDY)
Delay time, RDY from A valid
8‡
7‡
6‡
6‡
P - 8§
ns
24A
Taa
Address valid to data valid (read)
30
25
21
16
10
ns
† See Figure 14 for address bus timing variation with load capacitance greater than typical load-circuit capacitance (CT = 80 pF).
‡ This value is characterized but not tested
§ In earlier data sheets, this parameter was shown as an “at speed” value. It is in fact a synchronized signal and therefore relative to Tc(H) where P = tc(C1) = tc(H)/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com