Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 12Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 13Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 14Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 15Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 16Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 17Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 18Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 19Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing
Timing specifications apply to the TMS320C31 and TMS320LC31.
X2/CLKIN, H1, and H3 timing
The following table defines the timing parameters for the X2/CLKIN, H1, and H3 interface signals. The numbers
shown in Figure 10 and Figure 11 correspond with those in the NO. column of the table below.
timing parameters for X2/CLKIN, H1, H3 (see Figure 10 and Figure 11)
NO.
’LC31
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1
tf(CI)
Fall time, CLKIN
5†
5†
5†
4†
4†
ns
2
tw(CIL)
Pulse duration, CLKIN
low tc(CI) = min
10
9
7
6
5
ns
3
tw(CIH)
Pulse duration, CLKIN
high tc(CI) = min
10
9
7
6
5
ns
4
tr(CI)
Rise time, CLKIN
5†
5†
5†
4†
4†
ns
5
tc(CI)
Cycle time, CLKIN
30
303
25
303
20
303
16.67
303
12.5
303
ns
6
tf(H)
Fall time, H1 and H3
3
3
3
3
3
ns
7
tw(HL)
Pulse duration, H1
and H3 low
P–6‡
P–5‡
P–5‡
P–4‡
P–3‡
ns
8
tw(HH)
Pulse duration, H1
and H3 high
P–7‡
P–6‡
P–6‡
P–5‡
P–4‡
ns
9
tr(H)
Rise time, H1 and H3
4
3
3
3
3
ns
10
td(HL-HH)
Delay time. from H1
low to H3 high or from
H3 low to H1 high
0
5
0
4
0
4
0
4
0
3
ns
11
tc(H)
Cycle time, H1 and H3
60
606
50
606
40
606
33.3
606
25
606
ns
† Specified by design but not tested
‡ P = tc(CI)
1
4
X2/CLKIN
3
5
2
Figure 10. Timing for X2/CLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com