Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 40Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 41Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 42Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 43Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 44Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 45Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 46Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 47Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
47
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
PQ (S-PQFP-G***)
PLASTIC QUAD FLATPACK
100 LEAD SHOWN
88
0.012 (0,30)
0.008 (0,20)
64
0.025 (0,635)
Seating Plane
132
1.090 (27,69)
1.070 (27,18)
0.966 (24,54)
0.934 (23,72)
1.112 (28,25)
1.088 (27,64)
0.800 (20,32)
4040045 / C 11/95
100
1
13
63
39
”D2” SQ
”D1” SQ
”D” SQ
14
”D3” SQ
38
DIM
”D”
”D2”
”D3”
”D1”
NOM
MIN
MAX
MIN
MAX
MIN
MAX
LEADS ***
0.180 (4,57) MAX
100
0.890 (22,61)
0.870 (22,10)
0.766 (19,46)
0.734 (18,64)
0.912 (23,16)
0.888 (22,56)
0.600 (15,24)
0.004 (0,10)
M
0.006 (0,15)
0.010 (0,25)
0.020 (0,51) MIN
0.130 (3,30)
0.150 (3,81)
0.006 (0,16) NOM
Gage Plane
0.036 (0,91)
0.046 (1,17)
0
°–8°
89
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MO-069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com