Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 10Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 11Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 12Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 13Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 14Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 15Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 16Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 17Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
Where:
IOL
= 2 mA (all outputs)
IOH
= 300
µA (all outputs)
VLOAD = 2.15 V
CT
= 80-pF typical load-circuit capacitance
Figure 7. TMS320LC31 Test Load Circuit
signal transition levels for ’LC31 (see Figure 8 and Figure 9)
Outputs are driven to a minimum logic-high level of 2 V and to a maximum logic-low level of 0.4 V. Output
transition times are specified as follows:
D For a high-to-low transition on an output signal, the level at which the output is said to be no longer high
is 2 V and the level at which the output is said to be low is 1 V.
D For a low-to-high transition, the level at which the output is said to be no longer low is 1 V and the level at
which the output is said to be high is 2 V.
0.4 V
0.6 V
2 V
1.8 V
Figure 8. ’LC31 Output Levels
Transition times for inputs are specified as follows:
D For a high-to-low transition on an input signal, the level at which the input is said to be no longer high is
1.8 V and the level at which the input is said to be low is 0.6 V.
D For a low-to-high transition on an input signal, the level at which the input is said to be no longer low is
0.6 V and the level at which the input is said to be high is 1.8 V.
1.8 V
0.6 V
Figure 9. ’LC31 Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com