Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 40Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 41Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 42Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 43Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 44Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 45Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 46Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 47Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
timer pin timing
Valid logic-level periods and polarity are specified by the contents of the internal control registers.
The following tables define the timing parameters for the timer pin. The numbers shown in Figure 31 correspond with those in the NO. column
of the tables below.
timing parameters for timer pin for TMS320LC31-33 (see Figure 31) †
NO.
DESCRIPTION‡
’LC31-33
’C31-40,
’LC31-40
UNIT
MIN
MAX
MIN
MAX
88
tsu(TCLK-H1L) Setup time, TCLK external before H1 low
12
10
ns
89
th(H1L-TCLK)
Hold time, TCLK external after H1 low
0
0
ns
90
td(H1H-TCLK)
Delay time, H1 high to TCLK internal valid
10
9
ns
91
t (TCLK)
Cycle time TCLK
TCLK ext
tc(H)×2.6
tc(H)×2.6
ns
91
tc(TCLK)
Cycle time, TCLK
TCLK int
tc(H)×2
tc(H)×232‡
tc(H)×2
tc(H)×232‡
ns
92
t (TCLK)
Pulse duration TCLK high/low
TCLK ext
tc(H)+12
tc(H)+10
ns
92
tw(TCLK)
Pulse duration, TCLK high/low
TCLK int
[tc(TCLK)/2]–15
[tc(TCLK)/2]+5
[tc(TCLK)/2]–5
[tc(TCLK)/2]+5
ns
† Timing parameters 88 and 89 are applicable for a synchronous input clock. Timing parameters 91 and 92 are applicable for an asynchronous input clock.
‡ Specified by design but not tested
timing parameters for timer pin for TMS320LC31-40, TMS320C31-50, and TMS320C31-60 (see Figure 31) †
NO
DESCRIPTION‡
’C31-50
’C31-60
’C31-80
UNIT
NO.
DESCRIPTION‡
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
88
tsu(TCLK-H1L)
Setup time, TCLK external
before H1 low
8
6
5
ns
89
th(H1L-TCLK)
Hold time, TCLK external
after H1 low
0
0
0
ns
90
td(H1H-TCLK)
Delay time, H1 high to TCLK
internal valid
9
8
6
ns
91
t (TCLK)
TCLK ext
tc(H)×2.6
tc(H)×2.6
tc(H)×2.6
ns
91
tc(TCLK)
TCLK int
tc(H)×2
tc(H)×232‡
tc(H)×2
tc(H)×232‡
tc(H)×2
tc(H)×232‡
ns
92
t (TCLK)
TCLK ext
tc(H)+10
tc(H)+10
tc(H)+6
ns
92
tw(TCLK)
TCLK int
[tc(TCLK)/2]–5
[tc(TCLK)/2]+5
[tc(TCLK)/2]–5
[tc(TCLK)/2]+5
[tc(TCLK)/2]–5
[tc(TCLK)/2]+5
ns
† Timing parameters 88 and 89 are applicable for a synchronous input clock. Timing parameters 91 and 92 are applicable for an asynchronous input clock.
‡ Specified by design but not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com