Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 4Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 5Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 6Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 7Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 8Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 9Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 10Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 11Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory map
Peripheral Bus
Memory-Mapped Registers
(6K Words Internal)
Reset, Interrupt, Trap Vector, and
Reserved Locations (64)
(External STRB Active)
0h
03Fh
040h
External
STRB Active
(8M Words – 64 Words)
7FFFFFh
Reserved
(32K Words)
800000h
807FFFh
808000h
8097FFh
RAM Block 0
(1K Words Internal)
809800h
809BFFh
809C00h
809FFFh
80A000h
External
STRB Active
(8M Words – 40K Words)
FFFFFFh
0h
FFFh
1000h
7FFFFFh
Reserved
(32K Words)
800000h
807FFFh
Peripheral Bus
Memory-Mapped Registers
(6K Words Internal)
808000h
8097FFh
RAM Block 0
(1K Words Internal)
809800h
809BFFh
809C00h
809FFFh
80A000h
External
STRB Active
(8M Words –
40K Words)
FFFFFFh
Boot 1
Boot 2
400000h
RAM Block 1
(1K Words – 63 Words Internal)
809FC0h
809FC1h
User-Program Interrupt
and Trap Branches
(63 Words Internal)
Boot 3
FFF000h
External
STRB
Active
(8M Words –
4K Words)
Reserved for Boot-Loader
Operations
(a) Microprocessor Mode
(b) Microcomputer/Boot-Loader Mode
RAM Block 1
(1K Words Internal)
Figure 1. TMS320C31 Memory Maps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com