Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL60 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 6Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 7Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 8Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 9Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 10Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 11Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 12Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 13Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory map (continued)
FSX/DX/CLKX Serial Port Control
FSR/DR/CLKR Serial Port Control
Serial R/X Timer Control
Serial R/X Timer Counter
Serial R/X Timer Period Register
Data-Transmit
Data-Receive
Primary-Bus Control
DMA Global Control
DMA Source Address
DMA Destination Address
DMA Transfer Counter
Timer 0 Global Control
Timer 0 Counter
Timer 0 Period Register
Timer 1 Global Control
Timer 1 Counter
Timer 1 Period Register
Serial Global Control
808000h
808004h
808006h
808008h
808020h
808024h
808028h
808030h
808034h
808038h
808040h
808042h
808043h
808044h
808045h
808046h
808048h
80804Ch
808064h
†Shading denotes reserved address locations
Figure 3. Peripheral Bus Memory-Mapped Registers†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com