Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 24 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 24 Page - Microchip Technology

Back Button CAP1206 Datasheet HTML 20Page - Microchip Technology CAP1206 Datasheet HTML 21Page - Microchip Technology CAP1206 Datasheet HTML 22Page - Microchip Technology CAP1206 Datasheet HTML 23Page - Microchip Technology CAP1206 Datasheet HTML 24Page - Microchip Technology CAP1206 Datasheet HTML 25Page - Microchip Technology CAP1206 Datasheet HTML 26Page - Microchip Technology CAP1206 Datasheet HTML 27Page - Microchip Technology CAP1206 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
CAP1206
DS00001567B-page 24
 2013-2015 Microchip Technology Inc.
During power-on reset (POR), the default values are stored in the registers. A POR is initiated when power is first
applied to the part and the voltage on the VDD supply surpasses the POR level as specified in the electrical character-
istics.
When a bit is “set”, this means it’s at a logic ‘1’. When a bit is “cleared”, this means it’s at a logic ‘0’.
5.1
Main Control Register
The Main Control register controls the primary power state of the device (see Section 4.1, "Power States").
Bit 5 - STBY - Enables Standby.
• ‘0’ (default) - The device is not in the Standby state.
• ‘1’ - The device is in the Standby state. Capacitive touch sensor input scanning is limited to the sensor inputs set in
the Standby Channel register (see Section 5.20, "Standby Channel Register"). The status registers will not be
cleared until read. Sensor inputs that are no longer sampled will flag a release and then remain in a non-touched
state.
Bit 4 - DSLEEP - Enables Deep Sleep.
• ‘0’ (default) - The device is not in the Deep Sleep state.
• ‘1’ - The device is in the Deep Sleep state. All sensor input scanning is disabled. The status registers are automat-
ically cleared and the INT bit is cleared. When this bit is set, the STBY bit has no effect.
Bit 0 - INT - Indicates that there is an interrupt (see Section 4.8, "Interrupts"). When this bit is set, it asserts the ALERT#
pin. If a channel detects a touch but interrupts are not enabled for that channel (see Section 5.11, "Interrupt Enable Reg-
ister"), no action is taken. This bit is cleared by writing a logic ‘0’ to it. When this bit is cleared, the ALERT# pin will be
deasserted, and all status registers will be cleared if the condition has been removed.
• ‘0’ - No interrupt pending.
• ‘1’ - An interrupt condition occurred, and the ALERT# pin has been asserted.
5.2
Status Registers
All status bits are cleared when the device enters Deep Sleep (DSLEEP = ‘1’ - see Section 5.1, "Main Control Register").
5.2.1
GENERAL STATUS - 02H
Bit 6 - BC_OUT - Indicates that the base count is out of limit for one or more enabled sensor inputs (see Section 4.4,
"Sensor Input Calibration"). This bit will not be cleared until all enabled sensor inputs have base counts within the limit.
• ‘0’ - All enabled sensor inputs have base counts in the operating range.
• ‘1’ - One or more enabled sensor inputs has the base count out of limit. A status bit is set in the Base Count Out of
Limit Register (see Section 5.16, "Base Count Out of Limit Register").
TABLE 5-2:
MAIN CONTROL REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
00h
R/W
Main Control
-
-
STBY
DSLEEP
-
-
-
INT
00h
TABLE 5-3:
STATUS REGISTERS
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
02h
R
General Status
-
BC_
OUT
ACAL
_FAIL
PWR
-
MULT
MTP
TOUCH
00h
03h
R
Sensor Input
Status
-
-
CS6
CS5
CS4
CS3
CS2
CS1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com