Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 36 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 36 Page - Microchip Technology

Back Button CAP1206 Datasheet HTML 32Page - Microchip Technology CAP1206 Datasheet HTML 33Page - Microchip Technology CAP1206 Datasheet HTML 34Page - Microchip Technology CAP1206 Datasheet HTML 35Page - Microchip Technology CAP1206 Datasheet HTML 36Page - Microchip Technology CAP1206 Datasheet HTML 37Page - Microchip Technology CAP1206 Datasheet HTML 38Page - Microchip Technology CAP1206 Datasheet HTML 39Page - Microchip Technology CAP1206 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
CAP1206
DS00001567B-page 36
 2013-2015 Microchip Technology Inc.
Bit 0 - CS1_RPT_EN - Enables the repeat rate for capacitive touch sensor input 1.
5.13
Multiple Touch Configuration Register
The Multiple Touch Configuration register controls the settings for the multiple touch detection circuitry. These settings
determine the number of simultaneous buttons that may be pressed before additional buttons are blocked and the MULT
status bit is set.
Bit 7 - MULT_BLK_EN - Enables the multiple button blocking circuitry.
• ‘0’ - The multiple touch circuitry is disabled. The device will not block multiple touches.
• ‘1’ (default) - The multiple touch circuitry is enabled. The device will flag the number of touches equal to pro-
grammed multiple touch threshold and block all others. It will remember which sensor inputs are valid and block all
others until that sensor pad has been released. Once a sensor pad has been released, the N detected touches
(determined via the sensing cycle order of CS1 - CS6) will be flagged and all others blocked.
Bits 3 - 2 - B_MULT_T[1:0] - Determines the number of simultaneous touches on all sensor pads before a Multiple Touch
Event is detected and sensor inputs are blocked. The bit decode is given by Table 5-24.
5.14
Multiple Touch Pattern Configuration Register
The Multiple Touch Pattern Configuration register controls the settings for the multiple touch pattern detection circuitry.
This circuitry works like the multiple touch detection circuitry with the following differences:
1.
The detection threshold is a percentage of the touch detection threshold as defined by the MTP_TH[1:0] bits
whereas the multiple touch circuitry uses the touch detection threshold.
2.
The MTP detection circuitry either will detect a specific pattern of sensor inputs as determined by the Multiple
TABLE 5-23:
MULTIPLE TOUCH CONFIGURATION
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Ah
R/W
Multiple Touch
Config
MULT
_BLK_
EN
-
-
-
B_MULT_T[1:0]
-
-
80h
TABLE 5-24:
B_MULT_T BIT DECODE
B_MULT_T[1:0]
Number of Simultaneous Touches
10
0
0
1 (default)
01
2
10
3
11
4
TABLE 5-25:
MULTIPLE TOUCH PATTERN CONFIGURATION
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Bh
R/W
Multiple Touch
Pattern Config
MTP_ EN
-
-
-
MTP_TH[1:0]
COMP_
PTRN
MTP_
ALERT
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com