Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 26 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 26 Page - Microchip Technology

Back Button CAP1206 Datasheet HTML 22Page - Microchip Technology CAP1206 Datasheet HTML 23Page - Microchip Technology CAP1206 Datasheet HTML 24Page - Microchip Technology CAP1206 Datasheet HTML 25Page - Microchip Technology CAP1206 Datasheet HTML 26Page - Microchip Technology CAP1206 Datasheet HTML 27Page - Microchip Technology CAP1206 Datasheet HTML 28Page - Microchip Technology CAP1206 Datasheet HTML 29Page - Microchip Technology CAP1206 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
CAP1206
DS00001567B-page 26
 2013-2015 Microchip Technology Inc.
APPLICATION NOTE: Regardless of the state of the Noise Status bits, if low frequency noise is detected on a
sensor input, that sample will be discarded unless the DIS_ANA_NOISE bit is set. As well,
if RF noise is detected on a sensor input, that sample will be discarded unless the
DIS_RF_NOISE bit is set.
5.4
Sensor Input Delta Count Registers
The Sensor Input Delta Count registers store the delta count that is compared against the threshold used to determine
if a touch has been detected. The count value represents a change in input due to the capacitance associated with a
touch on one of the sensor inputs and is referenced to a calibrated base “not touched” count value. The delta is an
instantaneous change and is updated once per sensor input per sensing cycle (see Section 4.3.2, "Sensing Cycle").
The value presented is a standard 2’s complement number. In addition, the value is capped at a value of 7Fh. A reading
of 7Fh indicates that the sensitivity settings are too high and should be adjusted accordingly (see Section 5.5).
The value is also capped at a negative value of 80h for negative delta counts which may result upon a release.
5.5
Sensitivity Control Register
The Sensitivity Control register controls the sensitivity of a touch detection.
Bits 6-4 DELTA_SENSE[2:0] - Controls the sensitivity of a touch detection for sensor inputs enabled in the Active state.
The sensitivity settings act to scale the relative delta count value higher or lower based on the system parameters. A
setting of 000b is the most sensitive while a setting of 111b is the least sensitive. At the more sensitive settings, touches
are detected for a smaller delta capacitance corresponding to a “lighter” touch. These settings are more sensitive to
noise, however, and a noisy environment may flag more false touches with higher sensitivity levels.
APPLICATION NOTE: A value of 128x is the most sensitive setting available. At the most sensitive settings, the
MSB of the Delta Count register represents 64 out of ~25,000 which corresponds to a touch
of approximately 0.25% of the base capacitance (or a
C of 25fF from a 10pF base
capacitance). Conversely, a value of 1x is the least sensitive setting available. At these
TABLE 5-5:
SENSOR INPUT DELTA COUNT REGISTERS
Addr
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default
10h
R
Sensor Input 1
Delta Count
Sign
64
32
16
8
4
2
1
00h
11h
R
Sensor Input 2
Delta Count
Sign
64
32
16
8
4
2
1
00h
12h
R
Sensor Input 3
Delta Count
Sign
64
32
16
8
4
2
1
00h
13h
R
Sensor Input 4
Delta Count
Sign
64
32
16
8
4
2
1
00h
14h
R
Sensor Input 5
Delta Count
Sign
64
32
16
8
4
2
1
00h
15h
R
Sensor Input 6
Delta Count
Sign
64
32
16
8
4
2
1
00h
TABLE 5-6:
SENSITIVITY CONTROL REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
1Fh
R/W
Sensitivity Control
-
DELTA_SENSE[2:0]
BASE_SHIFT[3:0]
2Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com