Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 47 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 47 Page - Microchip Technology

Back Button CAP1206 Datasheet HTML 43Page - Microchip Technology CAP1206 Datasheet HTML 44Page - Microchip Technology CAP1206 Datasheet HTML 45Page - Microchip Technology CAP1206 Datasheet HTML 46Page - Microchip Technology CAP1206 Datasheet HTML 47Page - Microchip Technology CAP1206 Datasheet HTML 48Page - Microchip Technology CAP1206 Datasheet HTML 49Page - Microchip Technology CAP1206 Datasheet HTML 50Page - Microchip Technology CAP1206 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
 2013-2015 Microchip Technology Inc.
DS00001567B-page 47
CAP1206
The Sensor Input Calibration registers hold the 10-bit value that represents the last calibration value. The value rep-
resents the capacitance applied to the internal sensing circuits to balance the capacitance of the sensor input pad. Min-
imum (000h) and maximum (3FFh) values indicate analog calibration failure (see Section 4.4, "Sensor Input
Calibration").
5.28
Product ID Register
The Product ID register stores a unique 8-bit value that identifies the device.
5.29
Manufacturer ID Register
The Vendor ID register stores an 8-bit value that represents MCHP.
5.30
Revision Register
The Revision register stores an 8-bit value that represents the part revision.
B5h
Sensor Input 5
Calibration
R
CAL5_9
CAL5_8
CAL5_7
CAL5_6
CAL5_5
CAL5_4
CAL5_3
CAL5_2
00h
B6h
Sensor Input 6
Calibration
R
CAL6_9
CAL6_8
CAL6_7
CAL6_6
CAL6_5
CAL6_4
CAL6_3
CAL6_2
00h
B9h
Sensor Input
Calibration LSB
1
R
CAL4_1
CAL4_0
CAL3_1
CAL3_0
CAL2_1
CAL2_0
CAL1_1
CAL1_0
00h
BAh
Sensor Input
Calibration LSB
2
R
--
-
-
CAL6_1
CAL6_0
CAL5_1
CAL5_0
00h
TABLE 5-49:
PRODUCT ID REGISTER
Addr
R/W
Register
B7B6B5B4B3B2B1
B0
Default
FDh
R
Product ID
CAP1206-1
01100111
67h
TABLE 5-50:
VENDOR ID REGISTER
Addr
R/W
Register
B7B6
B5B4B3B2B1B0
Default
FEh
R
Manufacturer ID
01
011101
5Dh
TABLE 5-51:
REVISION REGISTER
Addr
R/W
Register
B7B6B5B4B3B2B1
B0
Default
FFh
R
Revision
00000000
00h
TABLE 5-48:
SENSOR INPUT CALIBRATION REGISTERS (CONTINUED)
Addr
Register
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com