Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 30 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 30 Page - Microchip Technology

Back Button CAP1206 Datasheet HTML 26Page - Microchip Technology CAP1206 Datasheet HTML 27Page - Microchip Technology CAP1206 Datasheet HTML 28Page - Microchip Technology CAP1206 Datasheet HTML 29Page - Microchip Technology CAP1206 Datasheet HTML 30Page - Microchip Technology CAP1206 Datasheet HTML 31Page - Microchip Technology CAP1206 Datasheet HTML 32Page - Microchip Technology CAP1206 Datasheet HTML 33Page - Microchip Technology CAP1206 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
CAP1206
DS00001567B-page 30
 2013-2015 Microchip Technology Inc.
5.8
Sensor Input Configuration Register
The Sensor Input Configuration Register controls timings associated with the capacitive sensor inputs.
Bits 7 - 4 - MAX_DUR[3:0] - (default 1010b) - Determines the maximum time that a sensor pad is allowed to be touched
until the capacitive touch sensor input is recalibrated (see Section 4.4.3, "Delayed Recalibration"), as shown in Table 5-
12.
Bits 3 - 0 - RPT_RATE[3:0] - (default 0100b) Determines the time duration between interrupt assertions when auto
repeat is enabled (see Section 4.8.2, "Capacitive Sensor Input Interrupt Behavior"). The resolution is 35ms and the
range is from 35ms to 560ms as shown in Table 5-13.
TABLE 5-11:
SENSOR INPUT CONFIGURATION REGISTER
Addr
R/W
Register
B7
B6
B5B4B3B2B1
B0
Default
22h
R/W
Sensor Input
Configuration
MAX_DUR[3:0]
RPT_RATE[3:0]
A4h
TABLE 5-12:
MAX_DUR BIT DECODE
MAX_DUR[3:0]
Time before Recalibration
32
1
0
0
0
0
0
560ms
0
0
0
1
840ms
0
0
1
0
1120ms
0
0
1
1
1400ms
0
1
0
0
1680ms
0
1
0
1
2240ms
0
1
1
0
2800ms
0
1
1
1
3360ms
1
0
0
0
3920ms
1
0
0
1
4480ms
1
0
1
0
5600ms (default)
1
0
1
1
6720ms
1
1
0
0
7840ms
1
1
0
1
8906ms
1
1
1
0
10080ms
1
1
1
1
11200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com