Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 58 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 58 Page - Microchip Technology

Back Button CAP1206 Datasheet HTML 54Page - Microchip Technology CAP1206 Datasheet HTML 55Page - Microchip Technology CAP1206 Datasheet HTML 56Page - Microchip Technology CAP1206 Datasheet HTML 57Page - Microchip Technology CAP1206 Datasheet HTML 58Page - Microchip Technology CAP1206 Datasheet HTML 59Page - Microchip Technology CAP1206 Datasheet HTML 60Page - Microchip Technology CAP1206 Datasheet HTML 61Page - Microchip Technology CAP1206 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
CAP1206
DS00001567B-page 58
 2013-2015 Microchip Technology Inc.
FDh
Page 47
Changed - Product ID
New product ID for CAP1206
67h
FFh
Page 47
Changed - Revision
Register
Revision changed.
00h
TABLE A-1:
REGISTER DELTA (CONTINUED)
Address
Register Delta
Delta
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com