Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 33 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 33 Page - Microchip Technology

Back Button CAP1206 Datasheet HTML 29Page - Microchip Technology CAP1206 Datasheet HTML 30Page - Microchip Technology CAP1206 Datasheet HTML 31Page - Microchip Technology CAP1206 Datasheet HTML 32Page - Microchip Technology CAP1206 Datasheet HTML 33Page - Microchip Technology CAP1206 Datasheet HTML 34Page - Microchip Technology CAP1206 Datasheet HTML 35Page - Microchip Technology CAP1206 Datasheet HTML 36Page - Microchip Technology CAP1206 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
 2013-2015 Microchip Technology Inc.
DS00001567B-page 33
CAP1206
Bits 3 - 2 - SAMP_TIME[1:0] - Determines the time to take a single sample as shown in Table 5-18. Sample time affects
the magnitude of the base counts, as shown in Table 4-1, "Ideal Base Counts".
Bits 1 - 0 - CYCLE_TIME[1:0] - Determines the desired sensing cycle time for channels enabled in the Active state, as
shown in Table 5-19. All enabled channels are sampled at the beginning of the sensing cycle. If additional time is
remaining, the device is placed into a lower power state for the remainder of the sensing cycle.
TABLE 5-17:
AVG BIT DECODE
AVG[2:0]
Number Of Samples Taken Per
Measurement
21
0
00
0
1
00
1
2
01
0
4
0
1
1
8 (default)
10
0
16
10
1
32
11
0
64
1
1
1
128
TABLE 5-18:
SAMP_TIME BIT DECODE
SAMP_TIME[1:0]
Sample Time
10
0
0
320us
0
1
640us
1
0
1.28ms (default)
1
1
2.56ms
TABLE 5-19:
CYCLE_TIME BIT DECODE
CYCLE_TIME[1:0]
Programmed Sensing Cycle Time
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com