Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 57 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 57 Page - Microchip Technology

Back Button CAP1206 Datasheet HTML 53Page - Microchip Technology CAP1206 Datasheet HTML 54Page - Microchip Technology CAP1206 Datasheet HTML 55Page - Microchip Technology CAP1206 Datasheet HTML 56Page - Microchip Technology CAP1206 Datasheet HTML 57Page - Microchip Technology CAP1206 Datasheet HTML 58Page - Microchip Technology CAP1206 Datasheet HTML 59Page - Microchip Technology CAP1206 Datasheet HTML 60Page - Microchip Technology CAP1206 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
 2013-2015 Microchip Technology Inc.
DS00001567B-page 57
CAP1206
APPENDIX A:
DEVICE DELTA
A.1
Delta from CAP1106 to CAP1206
The CAP1206 is pin- and register-compatible with the CAP1106, with the exception of the GAIN[1:0]
bits and ALT_POL bit.
1. Revision ID set to 00h.
2. Added Power Button feature (see Section 4.5, "Power Button").
3. Added ACAL_FAIL bit to flag analog calibration failures (see Section 5.2, "Status Registers") and
ACAL_FAIL_INT bit to control analog calibration failure interrupts (see Section 5.6, "Configuration
Registers").
4. Added BC_OUT bit to flag calibration failures regarding base counts out of limit (see Section 5.2,
"Status Registers") and BC_OUT_RECAL and BC_OUT_INT bit to control base count out of limit
behavior and interrupts (see Section 5.6, "Configuration Registers"). Added Base Count Out of
Limit Register to indicate which sensor inputs have base counts outside the operating range (see
Section 5.16, "Base Count Out of Limit Register").
5. Increased supply voltage range for 5V operation.
6. Increased operating temperature range from 0°C - 85°C to -40°C to 125°C.
7. Removed proximity detection gain (GAIN[1:0] bits).
8. Removed ALERT pin configuration (ALT_POL bit).
9. Register additions are shown in Table A-1, "Register Delta".
TABLE A-1:
REGISTER DELTA
Address
Register Delta
Delta
Default
00h
Page 24
Removed bits - Main
Control Register
Removed GAIN[1:0] bits.
00h
02h
Page 24
Added bits - General
Status Register
Added bit 4 PWR for new Power Button
feature. Added bit 5 ACAL_FAIL to
indicate analog calibration failure. Added
bit 6 BC_OUT.
00h
26h
Page 34
Renamed Calibration
Activate and Status
Register and added
functionality
In addition to forcing a calibration, the
register also indicates the status of
calibration for each sensor input.
00h
2Eh
Page 38
New - Base Count Out
of Limit Register
new register for calibration status
00h
44h
Page 28
Added and removed
bits - Configuration 2
Register
Added bit 1 ACAL_FAIL_INT. Added bit 4
BC_OUT_INT. Changed bit 6 from
ALT_POL to BC_OUT_RECAL.
40h
60h
Page 45
New - Power Button
Register
new register for Power Button feature
00h
61h
Page 46
New - Power Button
Configuration Register
new register for configuring the Power
Button feature
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com