Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 42 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 42 Page - Microchip Technology

Back Button CAP1206 Datasheet HTML 38Page - Microchip Technology CAP1206 Datasheet HTML 39Page - Microchip Technology CAP1206 Datasheet HTML 40Page - Microchip Technology CAP1206 Datasheet HTML 41Page - Microchip Technology CAP1206 Datasheet HTML 42Page - Microchip Technology CAP1206 Datasheet HTML 43Page - Microchip Technology CAP1206 Datasheet HTML 44Page - Microchip Technology CAP1206 Datasheet HTML 45Page - Microchip Technology CAP1206 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
CAP1206
DS00001567B-page 42
 2013-2015 Microchip Technology Inc.
5.21
Standby Configuration Register
The Standby Configuration register controls averaging and sensing cycle time for sensor inputs enabled in Standby. This
register allows the user to change averaging and sample times on a limited number of sensor inputs in Standby and still
maintain normal functionality in the Active state.
Bit 7 - AVG_SUM - Determines whether the sensor inputs enabled in Standby will average the programmed number of
samples or whether they will accumulate for the programmed number of samples.
• ‘0’ - (default) - The Standby enabled sensor input delta count values will be based on the average of the pro-
grammed number of samples when compared against the threshold.
• ‘1’ - The Standby enabled sensor input delta count values will be based on the summation of the programmed
number of samples when compared against the threshold. Caution should be used with this setting as a touch
may overflow the delta count registers and may result in false readings.
Bits 6 - 4 - STBY_AVG[2:0] - Determines the number of samples that are taken for all Standby enabled channels during
the sensing cycle as shown in Table 5-37. All samples are taken consecutively on the same channel before the next
channel is sampled and the result is averaged over the number of samples measured before updating the measured
results.
Bit 3 - 2 - STBY_SAMP_TIME[1:0] - Determines the time to take a single sample for sensor inputs enabled in Standby
as shown in Table 5-38.
TABLE 5-36:
STANDBY CONFIGURATION REGISTER
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
41h
R/W
Standby
Configuration
AVG_
SUM
STBY_AVG[2:0]
STBY_SAMP_
TIME[1:0]
STBY_CY_TIME
[1:0]
39h
TABLE 5-37:
STBY_AVG BIT DECODE
STBY_AVG[2:0]
Number Of Samples Taken Per
Measurement
21
0
00
0
1
00
1
2
01
0
4
0
1
1
8 (default)
10
0
16
10
1
32
11
0
64
1
1
1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com