Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 45 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 45 Page - Microchip Technology

Back Button CAP1206 Datasheet HTML 41Page - Microchip Technology CAP1206 Datasheet HTML 42Page - Microchip Technology CAP1206 Datasheet HTML 43Page - Microchip Technology CAP1206 Datasheet HTML 44Page - Microchip Technology CAP1206 Datasheet HTML 45Page - Microchip Technology CAP1206 Datasheet HTML 46Page - Microchip Technology CAP1206 Datasheet HTML 47Page - Microchip Technology CAP1206 Datasheet HTML 48Page - Microchip Technology CAP1206 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
 2013-2015 Microchip Technology Inc.
DS00001567B-page 45
CAP1206
The Sensor Input Base Count registers store the calibrated “not touched” input value from the capacitive touch sensor
inputs. These registers are periodically updated by the calibration and recalibration routines.
The routine uses an internal adder to add the current count value for each reading to the sum of the previous readings
until sample size has been reached. At this point, the upper 16 bits are taken and used as the Sensor Input Base Count.
The internal adder is then reset and the recalibration routine continues.
The data presented is determined by the BASE_SHIFT[3:0] bits (see Section 5.5).
5.25
Power Button Register
The Power Button Register indicates the sensor input that has been designated as the power button (see Section 4.5,
"Power Button").
Bits 2 - 0 - PWR_BTN[2:0] - When the power button feature is enabled, this control indicates the sensor input to be used
as the power button. The decode is shown in Table 5-45.
52h
R
Sensor Input 3
Base Count
128
64
32
16
8
4
2
1
C8h
53h
R
Sensor Input 4
Base Count
128
64
32
16
8
4
2
1
C8h
54h
R
Sensor Input 5
Base Count
128
64
32
16
8
4
2
1
C8h
55h
R
Sensor Input 6
Base Count
128
64
32
16
8
4
2
1
C8h
TABLE 5-44:
POWER BUTTON REGISTER
Addr
R/W
Register
B7
B6
B5
B4B3
B2B1B0
Default
60h
R/W
Power Button
-
-
-
-
-
PWR_BTN[2:0]
00h
TABLE 5-45:
PWR_BTN BIT DECODE
PWR_BTN[2:0]
Sensor Input Designated as Power Button
21
0
00
0
CS1
00
1
CS2
01
0
CS3
01
1
CS4
10
0
CS5
10
1
CS6
TABLE 5-43:
SENSOR INPUT BASE COUNT REGISTERS (CONTINUED)
Addr
R/W
Register
B7
B6
B5B4
B3B2
B1B0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com