Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1206 Datasheet(PDF) 1 Page - Microchip Technology

Part # CAP1206
Description  6-Channel Capacitive Touch Sensor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1206 Datasheet(HTML) 1 Page - Microchip Technology

  CAP1206 Datasheet HTML 1Page - Microchip Technology CAP1206 Datasheet HTML 2Page - Microchip Technology CAP1206 Datasheet HTML 3Page - Microchip Technology CAP1206 Datasheet HTML 4Page - Microchip Technology CAP1206 Datasheet HTML 5Page - Microchip Technology CAP1206 Datasheet HTML 6Page - Microchip Technology CAP1206 Datasheet HTML 7Page - Microchip Technology CAP1206 Datasheet HTML 8Page - Microchip Technology CAP1206 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
 2013-2015 Microchip Technology Inc.
DS00001567B-page 1
General Description
The CAP1206 is a multiple channel capacitive touch
sensor controller. It contains six (6) individual capaci-
tive touch sensor inputs with programmable sensitivity
for use in touch sensor applications. Each sensor input
is calibrated to compensate for system parasitic capac-
itance and automatically recalibrated to compensate
for gradual environmental changes.
The CAP1206 includes Multiple Pattern Touch recogni-
tion that allows the user to select a specific set of but-
tons to be touched simultaneously. If this pattern is
detected, a status bit is set and an interrupt is gener-
ated.
The CAP1206 has Active and Standby states, each
with its own sensor input configuration controls. Power
consumption in the Standby state is dependent on the
number of sensor inputs enabled as well as averaging,
sampling time, and cycle time. Deep Sleep is the low-
est power state available, drawing 5µA (typical) of cur-
rent. In this state, no sensor inputs are active, and
communications will wake the device.
Applications
• Desktop and Notebook PCs
• LCD Monitors
• Consumer Electronics
• Appliances
Features
• Six (6) Capacitive Touch Sensor Inputs
- Programmable sensitivity
- Automatic recalibration
- Calibrates for parasitic capacitance
- Individual thresholds for each button
• Multiple Button Pattern Detection
• Power Button Support
• Press and Hold Feature for Volume-like Applica-
tions
• 3.3V or 5V Supply
• Analog Filtering for System Noise Sources
• RF Detection and Avoidance Filters
• Digital EMI Blocker
• 8kV ESD Rating on All Pins (HBM)
• Low Power Operation
- 5µA quiescent current in Deep Sleep
- 50µA quiescent current in Standby (1 sensor
input monitored)
- Samples one or more channels in Standby
• SMBus / I2C Compliant Communication Interface
• Available in a 10-pin 3mm x 3mm DFN RoHS
compliant package
CAP1206
6-Channel Capacitive Touch Sensor


Similar Part No. - CAP1206

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CAP120 TEC-CAP120 Datasheet
282Kb / 4P
Single Pole Hermetically Sealed 150 Amp DC Contactors
logo
Microchip Technology
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1203-1-AC3-TR MICROCHIP-CAP1203-1-AC3-TR Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1203-2-SN-TR MICROCHIP-CAP1203-2-SN-TR Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
More results

Similar Description - CAP1206

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
5 and 6 Channel Capacitive Touch Sensor
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
logo
Asahi Kasei Microsystem...
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
8-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com