Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 23Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 24Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 25Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 26Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 27Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 28Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 29Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 30Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
WLED1-4[7:0]
EN_W1-4
8-Bit IDAC
WLED1-4_pwm
External PWM
&
WLED1-4
WLED5-6[7:0]
EN_W5-6
8-Bit IDAC
WLED5-6_pwm
External PWM
&
WLED5-6
WLED1-4[7:0]
EN_W1-4
8-Bit IDAC
WLED1-4_pwm
External PWM
&
WLED1-4
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
Figure 25. Main Display up to 4 LEDs (WLED1…4)
Figure 26. Sub Display Driver up to 2 LEDs (WLED5…6)
Figure 27. Main Display up to 6 LEDs (WLED1…6) (DISPL=1)
BACKLIGHT DRIVER ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Typical
Max
Unit
IMAX
Maximum Sink Current
21.3
25.5
29.4
mA
ILeakage
Leakage Current
VFB =5V
0.03
1
µA
IWLED1
WLED1 Current tolerance
IWLED1 set to 12.8mA (80H)
10.52
12.8
14.78
mA
-18
+16
%
IMatch1-4
Sink Current Matching
ISINK=13mA, Between WLED1…4
0.2
%
IMatch5-6
Sink Current Matching
ISINK=13mA, Between WLED5…6
0.2
%
IMatch1-6
Sink Current Matching
ISINK=13mA, Between WLED1…6
0.3
%
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com