Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 36Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 37Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 38Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 39Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 40Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 41Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 42Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 43Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
MCU
WLED1
WLED2
WLED3
WLED4
WLED5
WLED6
R1
G1
B1
R2
G2
B2
FLASH_EN
FLASH
IRGB
IRT
ASE
LP3954
IFLASH
RFLASH
SW
BATTERY
FB
VDDA
VREF
D1
VDD2
VDD1
GNDS
SCK/SCL
SI
SS/SDA
SO
SYNC/PWM
IF_SEL
VDDIO
MAIN
BACKLIGHT
AUDIO
SYNC
FUNLIGHTS
KEYPAD
LEDS
AUDIO
GND
COUT
10 éF
L1
4.7 éH
CIN
10 éF
CVDD1
100 nF
IMAX = 300...400 mA
VOUT = 4...5.3V
CVDDA
1 éF
CREF
100 nF
RRGB
RRT
CVDDIO
100 nF
VIBRA
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
EXAMPLE 3
•
MAIN BACKLIGHT
•
KEYPAD LIGHTS
•
AUDIO SYNCHRONIZED FUNLIGHTS
•
VIBRA
Figure 45. Candybar Phone
40
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com