Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 29Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 30Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 31Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 32Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 33Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 34Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 35Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 36Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
SCK
Data
BIT 1
LSB IN
LSB OUT
BIT 1
MSB OUT
BIT 7
BIT 8
BIT 9
BIT 14
MSB IN
R/W
Address
2
1
4
5
7
6
3
11
9
10
8
SS
SO
SI
12
SS
SCK
SI
SO
Don't Care
A6
A5
A4
A3
A2
A1
A0
R/W
0
D7
D6
D5
D4
D3
D2
D1
D0
SS
SCK
SI
SO
A6
A5
A4
A3
A2
A1
A0
1
R/W
D7
D6
D5
D4
D3
D2
D1
D0
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
SPI INTERFACE
LP3954 is compatible with SPI serial bus specification and it operates as a slave. The transmission consists of
16-bit Write and Read Cycles. One cycle consists of 7 Address bits, 1 Read/Write (RW) bit and 8 Data bits. RW
bit high state defines a Write Cycle and low defines a Read Cycle. SO output is normally in high-impedance state
and it is active only when Data is sent out during a Read Cycle. A pull-up resistor may be needed in SO line if a
floating logic signal can cause unintended current consumption in the input circuits where SO is connected.The
Address and Data are transmitted MSB first. The Slave Select signal SS must be low during the Cycle
transmission. SS resets the interface when high and it has to be taken high between successive Cycles. Data is
clocked in on the rising edge of the SCK clock signal, while data is clocked out on the falling edge of SCK.
Figure 35. SPI Write Cycle
Figure 36. SPI Read Cycle
Figure 37. SPI Timing Diagram
SPI Timing Parameters
VDD = VDD_IO = 2.775V
Limit(1)
Symbol
Parameter
Unit
Min
Max
1
Cycle Time
70
ns
2
Enable Lead Time
35
ns
(1)
Note: Data ensured by design.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com