Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 4Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 5Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 6Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 7Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 8Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 9Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 10Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 11Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
STANDBY
RESET
INTERNAL
STARTUP
SEQUENCE
Reset Register write
or POR = H
EN_BOOST = H*
THSD = H
~10 ms Delay
BOOST STARTUP
NSTBY = H
NSTBY = L
EN_BOOST = L*
~10 ms Delay
NORMAL MODE
EN_BOOST
rising edge*
* THSD = L
VREF = 95% OK*
POR = L
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Modes of Operation
RESET: In the RESET mode all the internal registers are reset to the default values and the chip goes to
STANDBY mode after reset. NSTBY control bit is low after reset by default. Reset is entered always if
Reset Register is written or internal Power On Reset is active. There is no dedicated Reset pin available.
LP3954 can be reset by writing any data to Reset Register in address 60H. Power On Reset (POR) will
activate during the chip startup or when the supply voltage VDD2 falls below 1.5V. Once VDD2 rises
above 1.5V, POR will inactivate and the chip will continue to the STANDBY mode.
STANDBY: The STANDBY mode is entered if the register bit NSTBY is LOW. This is the low power
consumption mode, when all circuit functions are disabled. Registers can be written in this mode and the
control bits are effective immediately after power up.
STARTUP: When NSTBY bit is written high, the INTERNAL STARTUP SEQUENCE powers up all the needed
internal blocks (Vref, Bias, Oscillator etc..). To ensure the correct oscillator initialization, a 10ms delay is
generated by the internal state-machine. If the chip temperature rises too high, the Thermal Shutdown
(THSD) disables the chip operation and STARTUP mode is entered until no thermal shutdown event is
present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. The boost output is
raised in PFM mode during the 10ms delay generated by the state-machine. The Boost startup is entered
from Internal Startup Sequence if EN_BOOST is HIGH or from Normal mode when EN_BOOST is written
HIGH. During the 10ms Boost Startup time all LED outputs are switched off to ensure smooth start-up.
NORMAL: During NORMAL mode the user controls the chip using the Control Registers. The registers can be
written in any sequence and any number of bits can be altered in a register in one write
Figure 1. Modes of Operation
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com