Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 26Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 27Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 28Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 29Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 30Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 31Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 32Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 33Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
VDDA
TEMPERATURE
SENSOR
AIN
S1
S2
R
ADC
-
+
VDDA
FF
00
INPUT CURRENT (PA)
0
7
E0
C0
A0
80
60
40
20
1
2
3
4
5
6
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Figure 31. ADC Code vs Input Current in Light Measurement Mode
TEMPERATURE MEASUREMENT
The temperature measurement requires two external components: resistor and thermistor (resistor that has
known temperature vs resistance curve). The ADC reads the voltage level at ASE pin and converts the result in
digital word. User can read the ADC output from register. The known temperature allows for example to monitor
the temperature inside the display module and decrease the current level of the LEDs if temperature raises too
high. This function may increase lifetime of LEDs in some applications.
Figure 32. Temperature Sensor Connection Example
30
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com