Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 10Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 11Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 12Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 13Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 14Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 15Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 16Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 17Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Ext. PWM Control(1)
wled1-4_pwm
bit 7
PWM controls WLED 1-4
wled5-6_pwm
bit 6
PWM controls WLED 5-6
r1_pwm
bit 5
PWM controls R1 output
g1_pwm
bit 4
PWM controls G1 output
b1_pwm
bit 3
PWM controls B1 output
r2_pwm
bit 2
PWM controls R2 output
g2_pwm
bit 1
PWM controls G2 output
b2_pwm
bit 0
PWM controls B2 output
HC_Flash
hc_pwm
bit 5
PWM controls high current flash
(1)
Note: If DISPL=1, wled1-4pwm controls WLED1-6
Note: Maximum external PWM frequency is 1kHz. If during the
external PWM control the internal PWM is on the result will be
product of both functions.
CURRENT CONTROL OF COLOR LED OUTPUTS (R1, R2, G1, G2, B1, B2)
Both RGB output sets can be separately controlled as constant current sinks or as switches. This is done using
cc_rgb1/2 bits in the RGB control register. In constant current mode one or both RGB output sets are controlled
with constant current sinks (no external ballast resistors required). The maximum output current for both drivers
is set by one external resistor RRGB. User can decrease the maximum current for an individual LED driver by
programming as shown later.
The maximum current for all RGB drivers is set with RRGB. The equation for calculating the maximum current is
IMAX = 100 ×1.23V / (RRGB + 50Ω)
(1)
where
IMAX - maximum RGB current in any RGB output in constant current mode
1.23V - reference voltage
100 - internal current mirror multiplier
RRGB- resistor value in Ohms
50
Ω - internal resistor in the IRGB input
For example if 22mA is required for maximum RGB current RRGB equals to
RRGB = 100 × 1.23V / IMAX –50Ω = 123V / 0.022A –50Ω = 5.54kΩ
(2)
Each individual RGB output has a separate maximum current programming. The control bits are in registers
RGB1 max current and RGB2 max current (12H and 13H) and programming is shown in table below. The
default value after reset is 00.
IR1[1:0], IG1[1:0],
Maximum
IB1[1:0], IR2[1:0],
Current/Output
IG2[1:0], IB2[1:0]
00
0.25 × IMAX
01
0.50 × IMAX
10
0.75 × IMAX
11
1.00 × IMAX
SWITCH MODE
The switch mode is used if there is a need to connect parallel LEDs to output or if the RGB output current needs
to be increased.
Please note that the switch mode requires an external ballast resistors at each output to limit the LED current.
The switch/current mode and on/off controls for RGB are in the RGB_ctrl register (00H) as follows:
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com