Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP3954RL/NOPB Datasheet HTML 1Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 2Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 3Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 4Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 5Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 6Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 7Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 8Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
V (SW, FB, R1-2, G1-2, B1-2, FLASH, WLED1-6)(4) (5)
-0.3V to +7.2V
VDD1, VDD2, VDD_IO, VDDA
-0.3V to +6.0V
Voltage on ASE, IRT, IFLASH, IRGB, VREF
-0.3V to VDD1+0.3V with 6.0V max
Voltage on Logic Pins
-0.3V to VDD_IO +0.3V with 6.0V max
V(all other pins): Voltage to GND
-0.3V to 6.0V
I (VREF)
10µA
I(R1, G1, B1, R2, G2, B2)
100mA
I(FLASH)(6)
400mA
Continuous Power Dissipation(7)
Internally Limited
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature (Soldering) (8)
260ºC
ESD Rating, Human Body Model(9)
2kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
Battery/Charger voltage should be above 6V no more than 10% of the operational lifetime.
(5)
Voltage tolerance of LP3954 above 6.0V relies on fact that VDD1 and VDD2 (2.8V) are available (ON) at all conditions. If VDD1 and VDD2
are not available (ON) at all conditions, TI does not ensure any parameters or reliability for this device.
(6)
The total load current of the boost converter in worst-case conditions should be limited to 300mA (min. input and max. output voltage).
(7)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=160°C (typ.) and
disengages at TJ=140°C (typ.).
(8)
For detailed soldering specifications and information, please refer to Application Note AN1112 : Micro SMD Wafer Level Chip Scale
Package SNVA009 or Application Note AN1412 : Micro SMDxt Wafer Level Chip Scale Package SNVA131.
(9)
The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
V (SW, FB, WLED1-6, R1-2, G1-2, B1-2, FLASH)
0 to 6.0V
VDD1,2 with external LDO
2.7 to 5.5V
VDD1,2 with internal LDO
3.0 to 5.5V
VDDA
2.7 to 2.9V
VDD_IO
1.65V to VDD1
Voltage on ASE
0.1V to VDDA –0.1V
Recommended Load Current
0mA to 300mA
Junction Temperature (TJ) Range
-30°C to +125°C
Ambient Temperature (TA) Range
(3)
-30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance(
θJA), YZR0036AAA or YPG0036AAA Package
(1)
60°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com