Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 36 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 32Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 33Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 34Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 35Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 36Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 37Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 38Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 39Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
SDA
SCL
1
8
2
3
7
6
5
8
10
4
9
1
7
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Figure 42. I2C Timing Diagram
I2C Timing Parameters (VDD1,2 = 3.0 to 4.5V, VDD_IO = 1.65V to VDD1,2)
Limit(1)
Symbol
Parameter
Unit
Min
Max
1
Hold Time (repeated) START Condition
0.6
µs
2
Clock Low Time
1.3
µs
3
Clock High Time
600
ns
4
Setup Time for a Repeated START Condition
600
ns
5
Data Hold Time (Output direction, delay generated by LP3954)
300
900
ns
5
Data Hold Time (Input direction, delay generated by the Master)
0
900
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA and SCL
20+0.1Cb
300
ns
8
Fall Time of SDA and SCL
15+0.1Cb
300
ns
9
Set-up Time for STOP condition
600
ns
10
Bus Free Time between a STOP and a START Condition
1.3
µs
Cb
Capacitive Load for Each Bus Line
10
200
pF
(1)
NOTE: Data ensured by design
Autoincrement mode is available, with this possible read or write few byte with autoincreasing addresses, but
LP3954 has holes in address register map, and is recommended to use autoincrement mode only for the pattern
command registers.
Recommended External Components
OUTPUT CAPACITOR, COUT
The output capacitor COUT directly affects the magnitude of the output ripple voltage. In general, the higher the
value of COUT, the lower the output ripple magnitude. Multilayer ceramic capacitors with low ESR are the best
choice. At the lighter loads, the low ESR ceramics offer a much lower Vout ripple that the higher ESR tantalums
of the same value. At the higher loads, the ceramics offer a slightly lower Vout ripple magnitude than the
tantalums of the same value. However, the dv/dt of the Vout ripple with the ceramics is much lower that the
tantalums under all load conditions. Capacitor voltage rating must be sufficient, 10V or greater is recommended.
Some ceramic capacitors, especially those in small packages, exhibit a strong capacitance reduction
with the increased applied voltage. The capacitance value can fall to below half of the nominal
capacitance. Too low output capacitance will increase the noise and it can make the boost converter
unstable.
INPUT CAPACITOR, CIN
The input capacitor CIN directly affects the magnitude of the input ripple voltage and to a lesser degree the VOUT
ripple. A higher value CIN will give a lower VIN ripple. Capacitor voltage rating must be sufficient, 10V or greater is
recommended.
36
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com