Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 2Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 3Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 4Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 5Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 6Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 7Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 8Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 9Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
LP3954
SNVS340D – JUNE 2005 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25° C. Limits in boldface type apply over the operating ambient temperature range (-
30°C < TA < +85°C). Unless otherwise noted, specifications apply to the LP3954 Block Diagram with: VDD1 = VDD2 = 3.6V,
VDDIO = 2.8V, CVDD = CVDDIO = 100nF, COUT = CIN = 10µF, CVDDA = 1µF, CREF = 100nF, L1 = 4.7µH, RFLASH =1.2k, RRGB =5.6k
and RRT =82k
(3).
Parameter
Test Conditions
Min
Typ
Max
Unit
IVDD
Standby supply current
NSTBY = L
1
8
µA
(VDD1, VDD2)
SCK, SS, SI
No-boost supply current
NSTBY = H,
400
µA
(VDD1, VDD2)
EN_BOOST = L
SCK, SS, SI
Audio sync and LEDs OFF
No-load supply current
NSTBY = H,
1
mA
(VDD1, VDD2)
EN_BOOST = H
SCK, SS, SI
Audio sync and LEDs OFF
Autoload OFF
RGB drivers
CC mode at R1, G1, B1 and R2, G2,
150
µA
(VDD1, VDD2)
B2 set to 15mA
SW mode
150
WLED drivers
4+2 banks IOUT/LED 25mA
500
µA
(VDD1, VDD2)
Audio synchronization
Audio sync ON
(VDD1, VDD2)
VDD1,2 = 2.8V
390
µA
VDD1,2 = 3.6V
700
Flash
I(RFLASH)=1mA
2
mA
(VDD1, VDD2)
Peak current during flash
IVDDIO
VDDIO Standby Supply current
NSTBY = L
1
µA
SCK, SS, SI = H
VDDIO supply current
1MHz SCK frequency in SPI mode,
20
µA
CL = 50pF at SO pin
IEXT_LDO
External LDO output current
7V tolerant application only
6.5
mA
(VDD1, VDD2, VDDA)
IBOOST = 300mA
VDDA
Output voltage of internal LDO
(4)
2.72
2.80
2.88
V
for analog parts
-3
+3
%
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
VDDA output is not recommended for external use.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com