Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3954RL/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Part # LP3954RL/NOPB
Description  Advanced Lighting Management Unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3954RL/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP3954RL/NOPB Datasheet HTML 33Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 34Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 35Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 36Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 37Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 38Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 39Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 40Page - Texas Instruments LP3954RL/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
LP3954
www.ti.com
SNVS340D – JUNE 2005 – REVISED MARCH 2013
OUTPUT DIODE, DOUT
A Schottky diode should be used for the output diode. To maintain high efficiency the average current rating of
the schottky diode should be larger than the peak inductor current (1A). Schottky diodes with a low forward drop
and fast switching speeds are ideal for increasing efficiency in portable applications. Choose a reverse
breakdown of the schottky diode larger than the output voltage. Do not use ordinary rectifier diodes, since slow
switching speeds and long recovery times cause the efficiency and the load regulation to suffer.
INDUCTOR, L1
The LP3954’s high switching frequency enables the use of the small surface mount inductor. A 4.7 µH shielded
inductor is suggested for 2 MHz operation, 10 µH should be used at 1 MHz. The inductor should have a
saturation current rating higher than the peak current it will experience during circuit operation (1A). Less than
300 m
Ω ESR is suggested for high efficiency. Open core inductors cause flux linkage with circuit components
and interfere with the normal operation of the circuit. This should be avoided. For high efficiency, choose an
inductor with a high frequency core material such as ferrite to reduce the core losses. To minimize radiated
noise, use a toroid, pot core or shielded core inductor. The inductor should be connected to the SW pin as close
to the IC as possible.
LIST OF RECOMMENDED EXTERNAL COMPONENTS
Symbol
Symbol Explanation
Value
Unit
Type
CVDD1
C between VDD1 and GND
100
nF
Ceramic, X7R / X5R
CVDD2
C between VDD2 and GND
100
nF
Ceramic, X7R / X5R
CVDDIO
C between VDDIO and GND
100
nF
Ceramic, X7R / X5R
CVDDA
C between VDDA and GND
1
µF
Ceramic, X7R / X5R
COUT
C between FB and GND
10
µF
Ceramic, X7R / X5R, 10V
CIN
C between battery voltage and GND
10
µF
Ceramic, X7R / X5R
LBOOST
L between SW and VBAT at 2 MHz
4.7
µH
Shielded,low ESR, Isat 1A
CVREF
C between VREF and GND
100
nF
Ceramic, X7R
CVDDIO
C between VDDIO and GND
100
nF
Ceramic, X7R
RFLASH
R between IFLASH and GND
1.2
k
Ω
±1%
RRBG
R between IRGB and GND
5.6
k
Ω
±1%
RRT
R between IRT and GND
82
k
Ω
±1%
DOUT
Rectifying Diode (Vf at maxload)
0.3
V
Schottky diode
CASE
C between Audio input and ASE
100
nF
Ceramic, X7R / X5R
LEDs
User defined
DLIGHT
Light Sensor
TDK BSC2015
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP3954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com